PART |
Description |
Maker |
MAX194BEWE |
14-Bit, 85ksps ADC with 10A Shutdown
|
Maxim Integrated Produc...
|
5962-9060401DX 5962-9060404CX 5962-9060401CX 5962- |
1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators 14-Bit, 85ksps ADC with 10µA Shutdown Voltage-Feedback Operational Amplifier 电压反馈运算放大 Low-Cost, High-Frequency, Current-Mode PWM Buck Controllers 电压反馈运算放大
|
Vishay Intertechnology, Inc. HIROSE ELECTRIC Co., Ltd.
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
MAX194ACPE MAX194AEPE MAX194BCWE MAX194AEWE MAX194 |
14-Bit, 85ksps ADC with 10A Shutdown Fixed-Point Digital Signal Processor 532-FCBGA Circular Connector; No. of Contacts:22; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:13-35 RoHS Compliant: No
|
Maxim Integrated Products, Inc.
|
AT84XAS003TP AT84AS003 AT84AS003CTP AT84AS003VTP A |
10-bit 1.5 Gsps ADC with 1:4 Demultiplexed output. The AT84AS003 is the first ADC on the market breaking the 8.0 ENOB barrier at ... 10-bit 1.5 Gsps ADC With 1:4 DMUX
|
ATMEL Corporation Atmel Corp.
|
EVAL-CONTROLBOARD AD7888 AD7888AR AD7888ARU AD7888 |
2.7 V to 5.25 V, Micro Power, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Pin TSSOP 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
|
Analog Devices, Inc. AD[Analog Devices]
|
SAB82538H-10 SAF82538H-10 |
RECTIFIER BRIDGE 1.5A 50V 50A-ifsm 1.1V-vf 10uA-ir DFS 1.5K/REEL-13 RECTIFIER BRIDGE 1.5A 100V 50A-ifsm 1.1V-vf 10uA-ir DFM 50/TUBE ICs for Communications 8 CHANNEL(S), 10M bps, SERIAL COMM CONTROLLER, PQFP16
|
Infineon Technologies AG
|
LTC1416IG |
Low Power 14-Bit, 400ksps Sampling ADC 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp.
|
AD679 AD679BJ AD679AJ |
14-Bit 128 kSPS Complete Sampling ADC 1-CH 14-BIT FLASH METHOD ADC, PARALLEL ACCESS, CQCC44
|
Analog Devices, Inc.
|
AD678KD AD678KN AD678JD AD678JN AD678BD AD678BJ AD |
12-Bit 200 kSPS Complete Sampling ADC 1-CH 12-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP28
|
Analog Devices, Inc. AD[Analog Devices]
|